PART |
Description |
Maker |
NIMD6302R2 |
HDPlus Dual N-Channel Self-Protected Field Effect Transistor with 1:200 Current Sense FET HDPlus Dual N-Channe Self-protected Field Effect Transistors with 1:200 Current Mirror FET
|
ONSEMI[ON Semiconductor]
|
CA3274 CA3274E |
Current Limiting Power Switch with Current Limiter Sense Flag
|
Intersil Corporation
|
CD5290 CD5291 CD5292 CD5293 CD5294 CD5295 CD5296 C |
Current Limiter Diode CURRENT REGULATOR CHIPS
|
MICROSEMI[Microsemi Corporation]
|
MTM8N35 MTM8N40 MTH8N40 MTH8N35 |
(MTH8N35 / MTH8N40) Power Field Effect Transistor Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate TMOS
|
Motorola Semiconductor MOTOROLA[Motorola, Inc]
|
2SK330 |
Field Effect Transistor Silicon N Channel Junction Type For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
|
TOSHIBA
|
MRF6VP41KH MRF6VP41KHR7 MRF6VP41KHSR6 |
RF Power Field Effect Transistors RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
|
Freescale Semiconductor, Inc Freescale Semiconductor, In...
|
2SJ624 2SJ624-T1B 2SJ624-T2B |
Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:80V; Forward Current Avg Rectified, IF(AV):60mA; Forward Voltage Max, VF:1V; Vf Test Current:200mA; Power Dissipation, Pd:80mW; Package/Case:DO-7; Current Rating:60mA MOS场效应管 MOS FIELD EFFECT TRANSISTOR Pch enhancement type MOS FET
|
NEC, Corp. NEC[NEC]
|
MV5283 |
Current Limiter Diode
|
MICROSEMI
|
STIL06T5 STIL08T5 STIL STIL04P5 STIL04-P5 STIL04T5 |
AC INRUSH CURRENT LIMITER
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
NDP6020P NDB6020P |
P-Channel Enhancement Mode Field Effect Transistor24A,-20V0.05ΩP沟道增强型MOS场效应管(漏电流-24A, 漏源电压-20V,导通电0.05Ω 24 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263AB P-Channel Logic Level Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
MHIC-48100A |
Inrush Current Limiter HIC
|
List of Unclassifed Manufacturers ETC[ETC]
|